PART |
Description |
Maker |
XC4005E-4PG156I |
XC4000E and XC4000X Series Field Programmable Gate Arrays
|
Xilinx, Inc
|
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
E9300B E9300A E9300H E9301A E9301B E9301H |
E9300B E-Series Average Power Sensor E9300A E-Series Average Power Sensor E9300H E-Series Average Power Sensor E9301A E-Series Average Power Sensor E9301B E-Series Average Power Sensor E9301H E-Series Average Power Sensor
|
Agilent (Hewlett-Packard)
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
UNR412Y UN4121 UN4122 UN4123 UN4124 UN412X UN412Y |
UNR412x Series (UN412x Series) Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
ACT8865QI305-T |
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
|
Active-Semi, Inc
|
HD74LVC2G53 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC2G Series
|
Renesas
|
Y08JS-90B Y08JS Y08JS-145A Y08JS-145B Y08JS-230A Y |
From old datasheet system Y08JS SERIES TI-SERIES TIPPETTE ROCKER SWITCH, DOUBLE POLE
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
HD74ALVC1G06 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|